전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UTOUTC1024 데이터시트(PDF) 3 Page - Teledyne Technologies Incorporated

부품명 UTOUTC1024
상세설명  Thin-Film Cascadable Amplifier 10 to 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC1024 데이터시트(HTML) 3 Page - Teledyne Technologies Incorporated

  UTOUTC1024 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Automatic Network Analyzer Measurements (Typical production unit @ +25
°C ambient)
S-Parameters
.05
.03
–75.5
14.0
173.0
–20.3
–3.0
.17
167.95
.56
.28
.10
.03
–81.5
14.0
163.1
–20.3
–8.4
.17
162.02
.56
–.67
.15
.04
–84.5
13.9
153.6
–20.3
–13.5
.16
155.20
.51
–.83
.20
.04
–87.2
13.9
144.8
–20.4
–18.2
.15
148.08
.50
–.83
.25
.05
–88.2
13.9
135.9
–20.4
–23.1
.14
140.82
.50
–.69
.30
.06
–90.3
13.8
127.2
–20.4
–27.8
.13
133.74
.48
–.39
.35
.07
–92.6
13.8
118.4
–20.4
–32.6
.12
126.79
.49
–.15
.40
.09
–95.1
13.8
109.6
–20.4
–37.6
.11
119.60
.49
.11
.45
.10
–97.2
13.8
100.8
–20.4
–42.3
.09
112.39
.49
.36
.50
.11
–100.0
13.7
52.0
–20.4
–47.3
.08
104.69
.49
.63
.55
.12
–103.2
13.7
83.3
–20.5
–52.5
.06
97.15
.48
.93
.60
.13
–106.0
13.7
74.5
–20.5
–57.4
.04
88.39
.49
1.13
.65
.14
–108.9
13.7
65.4
–20.5
–62.7
.03
78.21
.50
1.12
.70
.14
–111.7
13.7
56.4
–20.5
–6.9.0
.02
63.26
.50
1.20
.75
.14
–114.1
13.7
47.3
–20.5
–73.4
.01
30.59
.51
1.06
.80
.14
–115.4
13.8
38.0
–20.5
–79.3
.00
–67.33
.51
.84
.85
.14
–115.6
13.8
28.5
–20.5
–85.1
.00
–142.32
.53
.41
.90
.13
–113.5
13.9
–18.7
–20.4
–91.2
.01
116.90
.54
–.34
.95
.12
–107.5
13.9
8.7
–20.4
–97.6
.02
85.99
.56
–1.38
1.00
.12
–97.0
14.0
–1.8
–20.4
–104.7
.05
70.20
.59
–2.80
1.10
.15
–69.6
14.1
–24.2
–20.4
–119.7
.13
46.32
.64
1.20
.26
–80.7
14.0
–49.0
–20.6
–136.9
.26
24.62
.70
1.30
.41
–68.1
13.4
–75.7
–21.3
–155.7
.42
2.25
.75
1.40
.57
–82.1
12.4
–102.8
–22.5
–174.6
.58
–20.06
.75
1.50
.68
–97.2
10.8
–128.5
–24.2
168.9
.70
–40.77
.70
1.60
.74
–111.2
8.9
–151.9
–26.5
156.4
.78
–59.50
.63
1.70
.76
–123.5
7.0
–173.0
–28.8
150.5
.82
–75.96
.57
1.80
.76
–133.7
5.2
167.2
–30.4
154.2
.82
–90.25
.54
1.90
.72
–141.3
3.7
147.2
–30.2
159.7
.80
–102.36
.57
2.00
.69
–145.7
2.2
124.4
–28.7
155.8
.79
–112.25
.66
2.10
.67
–146.7
.1
97.2
–27.6
144.9
.79
–121.69
.77
2.20
.70
–147.0
–3.1
69.9
–27.1
131.5
.79
–131.24
.73
2.30
.75
–150.1
–7.4
48.7
–27.1
118.8
.80
–140.87
.53
2.40
.80
–155.5
–12.0
36.0
–27.1
106.5
.81
–150.78
.29
2.50
.83
–161.6
–16.2
31.6
–27.4
94.3
.82
–160.49
.08
Bias = 15.00 Volts
FREQ
GPDEL
PHASE
GHz
Mag
Ang
dB
Ang
dB
Ang
Mag
Ang
ns
DEG
S11
S21
S12
S22
LINEARIZATION RANGE: .05 to 1.00 GHz



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com