| 전자부품 데이터시트 검색엔진 |
|
INA3010 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
INA3010 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 8 page ![]() INA3010 4 Code X-lines DR-lines Command bits no. 0 123 456 701 234 567 5 4 3 2 1 0 49 x x 110 001 50 x x 110 010 51 x x 110 011 52 x x 110 100 53 x x 110 101 54 x x 110 110 55 x x 110 111 56 x x 111 000 57 x x 111 001 58 x x 111 010 59 x x 111 011 60 x x 111 100 61 x x 111 101 62 x x 111 110 63 x x 111 111 Table 2 System matrix (Z-DR) Code X-lines DR-lines System bits no. 0 123 456 701 234 567 4 3 2 1 0 0 x x 000 00 1 x x 000 01 2 x x 000 10 3 x x 000 11 4 x x 001 00 5 x x 001 01 6 x x 001 10 7 x x 001 11 8 x x 010 00 9 x x 010 01 10 x x 010 10 11 x x 010 11 12 x x 011 00 13 x x 011 01 14 x x 011 10 15 x x 011 11 16 x x 100 00 17 x x 100 01 18 x x 100 10 19 x x 100 11 20 x x 101 00 21 x x 101 01 22 x x 101 10 23 x x 101 11 24 x x 110 00 25 x x 110 01 26 x x 110 10 27 x x 110 11 28 x x 111 00 29 x x 111 01 30 x x 111 10 31 x x 111 11 |