| 전자부품 데이터시트 검색엔진 |
|
TPVT2415A-W2 데이터시트(PDF) 3 Page - Toppower Electronic Technology Limited |
|
|
|||||||||||||||||||||||||||||
TPVT2415A-W2 데이터시트(HTML) 3 Page - Toppower Electronic Technology Limited |
|
3 / 4 page ![]() TPVT-W2 Series www.gztoppower.com TEL:0086-20-82019000 EMAIL:sales2@gztoppower.com page 3 of 4 MECHANICAL DIMENSIONS PIN CONNECTIONS 10 PIN SMD Pin Dual Output Single Output 1 -Vin -Vin 3 +Vin +Vin 5 NA NA 9 OV OV 11 -Vout NA 12 NA NA 14 +Vout +Vout 18 NA NA 20 NA NA 22 NA NA RECOMMENDED FOOTPRINT DETAILS TUBE OUTLINE DIMENSIONS REEL OUTLINE DIMENSIONS TAPE OUTLINE DIMENSIONS 0.60±0.15 9.40 2.10 14.35 6.70 Unless otherwise stated all dimensions in mm±0.5mm. Tube length:475mm±2.0mm Tube Quantity:25PCS 0.60MAX 16.00 6.60 11.60 2.00 4.00 1.50 +0.10 -0.00 1.75 11.50 24.00±0.30 15.75 330MAX 13.00±0.25 30.40MAX 24.40 100.00MIN NA - Not available for electrical connection. All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch. Weight: 1.53g SMD Package 12 .00 1 .0 0 1 .9 0 12 .7 2 .5 4 0.25 0-4° S TPVT0505 8.00 0.25 16.30 12.70 11.00 1.80 2.54 5.08 0.60 11.04 5.50 5.50 1.50 YYWW 1 3 5 9 11 22 20 18 14 12 7.00 TOPPOWER |