전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-IPP003V1 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STEVAL-IPP003V1
상세설명  General purpose xPSK power line communication module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPP003V1 데이터시트(HTML) 2 Page - STMicroelectronics

  STEVAL-IPP003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IPP003V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Schematic diagram
STEVAL-IPP003V1
2/7
DocID025671 Rev 1
1
Schematic diagram
Figure 1. Power supply
Figure 2. ST7580 reset button (micro-switch)
Figure 3. ST7580 UART interface
VCC
VCC
VDDIO
C1
C4
100nF/25V - 0402
JP1
100nF/25V - 040
OPEN
C2
U1
10u/6.3V - 0603
LK112SM33TR
1
SHDN
2
G
2 ND
3
BYPASS
4
OUT
IN
5
C3
J7
CON3
100nF/25V - 0402
1
2
3
R1
100K - 0603
CN1
Screw Connector 3P 2.5mm
GSPG06112013DI1025
RESETN
C17
100nF/25V - 0402
SW1
1
2
GSPG06112013DI1030
TXD
RXD
T_REQ
TP9
T_REQ
TP11
GND
1
TP8
TXD
TP12
RXD
GSPG06112013DI1035



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com