| 전자부품 데이터시트 검색엔진 |
|
MM58274CV 데이터시트(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM58274CV 데이터시트(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 16 page ![]() Functional Description The MM58274C is a bus oriented microprocessor real time clock It has the same pin-out as the MM58174A while offer- ing extended timekeeping up to units and tens of years To enhance the device further a number of other features have been added including 12 or 24 hours counting a testable data-changed flag giving easy error-free time reading and simplified interrupt control A buffered oscillator signal appears on the interrupt output when the device is in test mode This allows for easy oscilla- tor setting when the device is initially powered up in a sys- tem The counters are arranged as 4-bit words and can be ran- domly accessed for time reading and setting The counters output in BCD (binary coded decimal) 4-bit numbers Any register which has less than 4 bits (eg days of week uses only 3 bits) will return a logic 0 on any unused bits When written to the unused inputs will be ignored Writing a logic 1 to the clock startstop control bit resets the internal oscillator divider chain and the tenths of seconds counter Writing a logic 0 will start the clock timing from the nearest second The time then updates every 100 ms with all counters changing synchronously Time changing during a read is detected by testing the data-changed bit of the control register after completing a string of clock register reads Interrupt delay times of 01s 05s 1s 5s 10s 30s or 60s can be selected with single or repeated interrupt outputs The open drain output is pulled low whenever the interrupt timer times out and is cleared by reading the control regis- ter CIRCUIT DESCRIPTION The block diagram in Figure 1 shows the internal structure of the chip The 16-pin package outline is shown in Figure 2 Crystal Oscillator This consists of a CMOS inverteramplifier with an on-chip bias resistor Externally a 20 pF capacitor a6pF – 36pF trimmer capacitor and a crystal are suggested to complete the 32768 kHz timekeeping oscillator circuit The 6 pF – 36 pF trimmer fine tunes the crystal load imped- ance optimizing the oscillator stability When properly ad- justed (ie to the crystal frequency of 32768 kHz) the cir- cuit will display a frequency variation with voltage of less than 3 ppmV When an external oscillator is used connect to oscillator input and float (no connection) the oscillator output When the chip is enabled into test mode the oscillator is gated onto the interrupt output pin giving a buffered oscilla- tor output that can be used to set the crystal frequency when the device is installed in a system For further informa- tion see the section on Test Mode Divider Chain The crystal oscillator is divided down in three stages to pro- duce a 10 Hz frequency setting pulse The first stage is a non-integer divider which reduces the 32768 kHz input to 30720 kHz This is further divided by a 9-stage binary ripple counter giving an output frequency of 60 Hz A 3-stage Johnson counter divides this by six generating a 10 Hz out- put The 10 Hz clock is gated with the 32768 kHz crystal frequency to provide clock setting pulses of 1526 ms dura- tion The setting pulse drives all the time registers on the Use resistor with Ni-cad cells only TLF11219 – 6 FIGURE 3 Typical System Connection Diagram 5 |