전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SW61900 데이터시트(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

부품명 SW61900
상세설명  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
홈페이지  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW61900 데이터시트(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW61900_17 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27.5 Kg
R
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Weight Approx
6V
190 Ah
228 mm (8.97 inches)
223 mm (8.77 inches)
306 mm (12.04 inches)
169 mm (6.63 inches)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(19 A)
5 hour rate(30.4A)
1 hour rate(114 A)
190 AH
152 AH
114 AH
Full charged Battery at 25 (77 )
Approx
1.0 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T19
Initial Charging Current less than 76 A
Voltage 7.05-7.20V
Voltage 6.75-6.90V
SW61900(6V190AH)
4
4.80
3.90
4.20
4.50
6.60
6.30
6.00
5.70
5.40
5.10
1 2
60
10
(Min)
6 8
95A
2040
(h)
2
6
4
10
8
20 40
190A
401A
38A 19A
Self-Discharge
at 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
169
306
16
M8
16
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
4.80V
5.10V
5.25V
5.40V
5.55V
Sw61200
(6V120AH)
SW619
00
(6V190
AH)


유사한 부품 번호 - SW61900_17

제조업체부품명데이터시트상세설명
logo
Shenzhen Sunnyway Batte...
SW61900E SUNNYWAY-SW61900E Datasheet
482Kb / 1P
Photovaltaic & wind power battery
More results

유사한 설명 - SW61900_17

제조업체부품명데이터시트상세설명
logo
Shenzhen Sunnyway Batte...
SW12170 SUNNYWAY-SW12170_17 Datasheet
475Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12180E SUNNYWAY-SW12180E_17 Datasheet
476Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12200 SUNNYWAY-SW12200_17 Datasheet
487Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12330 SUNNYWAY-SW12330_17 Datasheet
455Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12550 SUNNYWAY-SW12550_17 Datasheet
328Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12800E SUNNYWAY-SW12800E_17 Datasheet
521Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500 SUNNYWAY-SW22500_17 Datasheet
540Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500E SUNNYWAY-SW22500E_17 Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW61800 SUNNYWAY-SW61800_17 Datasheet
487Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW121500E SUNNYWAY-SW121500E_17 Datasheet
506Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com