전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SW220000 데이터시트(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

부품명 SW220000
상세설명  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
홈페이지  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW220000 데이터시트(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW220000_17 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Capacity
25℃(77℉)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(200 A)
5 hour rate(320A)
1 hour rate(1200 A)
2000 AH
1600 AH
1200 AH
1.5 hour discharge to 1.75 V
Full charged Battery at 25 (77 )
800 A
0.5 mΩ
40℃(104℉)
25℃(77℉)
0℃(32℉)
-15℃(5℉)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T20
Initial Charging Current less than 500 A
Voltage 2.35-2.40V
Voltage 2.25-2.30V
φ20
M8×20
SW220000(2V2000AH)
4000A
2000A
1000A
400A
200A
1.70
2.30
1.90
2.00
2.10
2.20
1.80
1.60
1.50
(h)
(min)
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
1.30
1.40
Self-Discharge
at 25
(77
)
Characteristics
Outer dimensions (mm)
Discharge Curves 25℃(77℉)
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Weight Approx
Specifications
2 V
2000 Ah
369 mm (14.5 inches)
344 mm (13.5 inches)
491 mm (19.3 inches)
351 mm (13.8 inches)
122.0 Kg (269.0 lbs)
10min
30min
1h
2h
3h
4h
5h
8h
10h
20h
A
3980.0
2280.0
1200.0
700.0
516.0
400.0
336.83
231.7
220.0
114.0
W
7820
4080
2320
1360
1000
780.0
640.0
440.0
410.0
217.8
A
3780.0
2220.0
1128.0
668.0
500.0
390.0
330.2
227.5
207.0
112.0
W
7520
4040
2180
1280
960
760.0
620.0
440.0
390.0
214.0
A
3580.0
2040.0
1100.0
652.0
488.0
384.0
327.2
225.0
204.0
110.6
W
7280
3800
2100
1260
940
740.0
612.0
434.0
386.0
210.0
A
3380.0
1880.0
1060.0
636.0
476.0
378.0
308.0
219.2
200.0
109.2
W
7000
3660
2020
1240
920
724.0
600.0
420.0
384.0
208.0
A
3180.0
1680.0
1000.0
620.0
460.0
366.7
302.0
213.3
195.0
108.0
W
6600
3360
1960
1220
920
710.0
596.0
402.0
380.0
205.0
Constant Current(Amp) andConstant Power(Watt) Discharge Table at 25℃(77℉)
Time
1.60V
1.85V
1.70V
1.75V
1.80V


유사한 부품 번호 - SW220000_17

제조업체부품명데이터시트상세설명
logo
Shenzhen Sunnyway Batte...
SW220000E SUNNYWAY-SW220000E Datasheet
558Kb / 1P
Photovaltaic & wind power battery
SW220000E SUNNYWAY-SW220000E_17 Datasheet
552Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

유사한 설명 - SW220000_17

제조업체부품명데이터시트상세설명
logo
Shenzhen Sunnyway Batte...
SW12170 SUNNYWAY-SW12170_17 Datasheet
475Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12180E SUNNYWAY-SW12180E_17 Datasheet
476Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12200 SUNNYWAY-SW12200_17 Datasheet
487Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12330 SUNNYWAY-SW12330_17 Datasheet
455Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12550 SUNNYWAY-SW12550_17 Datasheet
328Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12800E SUNNYWAY-SW12800E_17 Datasheet
521Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500 SUNNYWAY-SW22500_17 Datasheet
540Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500E SUNNYWAY-SW22500E_17 Datasheet
477Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW61800 SUNNYWAY-SW61800_17 Datasheet
487Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW61900 SUNNYWAY-SW61900_17 Datasheet
376Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com