전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A3G4250D 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 A3G4250D
상세설명  16-bit rate value data output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A3G4250D 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button A3G4250D Datasheet HTML 13Page - STMicroelectronics A3G4250D Datasheet HTML 14Page - STMicroelectronics A3G4250D Datasheet HTML 15Page - STMicroelectronics A3G4250D Datasheet HTML 16Page - STMicroelectronics A3G4250D Datasheet HTML 17Page - STMicroelectronics A3G4250D Datasheet HTML 18Page - STMicroelectronics A3G4250D Datasheet HTML 19Page - STMicroelectronics A3G4250D Datasheet HTML 20Page - STMicroelectronics A3G4250D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
A3G4250D
Main digital blocks
Doc 022768 Rev 3
17/44
Figure 7.
Bypass mode
3.2.2
FIFO mode
In FIFO mode, data from the yaw, pitch, and roll channels are stored in the FIFO. A
watermark interrupt can be enabled (I2_WMK bit in CTRL_REG3), which is triggered when
the FIFO is filled to the level specified in the WTM 4: 0 bits of FIFO_CTRL_REG. The FIFO
continues filling until it is full (32 slots of 16-bit data for yaw, pitch, and roll). When full, the
FIFO stops collecting data from the input channels. To restart data collection, it is necessary
to write FIFO_CTRL_REG back to bypass mode.
FIFO mode is represented in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44