전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP23AB02B 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 MP23AB02B
상세설명  Omnidirectional sensitivity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23AB02B 데이터시트(HTML) 3 Page - STMicroelectronics

  MP23AB02B Datasheet HTML 1Page - STMicroelectronics MP23AB02B Datasheet HTML 2Page - STMicroelectronics MP23AB02B Datasheet HTML 3Page - STMicroelectronics MP23AB02B Datasheet HTML 4Page - STMicroelectronics MP23AB02B Datasheet HTML 5Page - STMicroelectronics MP23AB02B Datasheet HTML 6Page - STMicroelectronics MP23AB02B Datasheet HTML 7Page - STMicroelectronics MP23AB02B Datasheet HTML 8Page - STMicroelectronics MP23AB02B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID026104 Rev 3
3/12
MP23AB02B
Acoustic and electrical specifications
12
2
Acoustic and electrical specifications
2.1
Acoustic and electrical characteristics
The values listed in the table below are specified for Vdd = 1.8 V, Tamb = 25 °C unless
otherwise specified.
Figure 2. Frequency response
Table 3. Acoustic and electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
1. Typical specifications are not guaranteed
Max.
Unit
Vdd
Supply voltage
1.6
1.8
3.6
V
Idd
Current consumption
mean value = 2 V
150
220
μA
So
Sensitivity
1 kHz (0 dB = 1 V/Pa)
-41
-38
-35
dBV/PA
SNR
Signal-to-noise ratio
A-weighted, 1 kHz
(0 dB = 1 V/Pa)
64
dBA
Top
Operating temperature range
-40
+85
°C
Table 4. Distortion specifications at 1 kHz
Parameter
Test condition
Value
Distortion
94
< 0.5%
Distortion
120
< 2%
Distortion
124
= 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com