전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C64-BN3 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 M24C64-BN3
상세설명  64Kbit and 32Kbit Serial I²C Bus EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-BN3 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button M24C64-BN3 Datasheet HTML 18Page - STMicroelectronics M24C64-BN3 Datasheet HTML 19Page - STMicroelectronics M24C64-BN3 Datasheet HTML 20Page - STMicroelectronics M24C64-BN3 Datasheet HTML 21Page - STMicroelectronics M24C64-BN3 Datasheet HTML 22Page - STMicroelectronics M24C64-BN3 Datasheet HTML 23Page - STMicroelectronics M24C64-BN3 Datasheet HTML 24Page - STMicroelectronics M24C64-BN3 Datasheet HTML 25Page - STMicroelectronics M24C64-BN3 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
M24C64, M24C32
24/26
PART NUMBERING
Table 22. Ordering Information Scheme
Note: 1. ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment. The High Reliability Cer-
tified Flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a copy.
2. This range is Not for New Design, and will soon be replaced by the M24Cxx-W range.
3. The UFDFPN8 package is available in M24C32 devices only. It is not available in M24C64 devices.
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Example:
M24C32
W MN
6
T
P
Device Type
M24 = I2C serial access EEPROM
Device Function
64 = 64 Kbit (8192 x 8)
32 = 32 Kbit (4096 x 8)
Operating Voltage
blank(2) = VCC = 4.5 to 5.5V
W = VCC = 2.5 to 5.5V
R = VCC = 1.8 to 5.5V
Package
BN = PDIP8
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
MB = UFDFPN8 (MLP8)(3)
Device Grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
3 = Automotive: device tested with High Reliability Certified Flow(1) over –40 to 125 °C.
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
blank = Standard SnPb plating
P or G = RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com