| 전자부품 데이터시트 검색엔진 |
|
STM32F303XB 데이터시트(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303XB 데이터시트(HTML) 38 Page - STMicroelectronics |
|
38 / 148 page ![]() Pinouts and pin description STM32F303xB STM32F303xC 38/148 DocID023353 Rev 13 F6 34 25 - PC5 I/O TTa (1) USART1_RX, TSC_G3_IO1, EVENTOUT ADC2_IN11, OPAMP2_VINM, OPAMP1_VINM J6 35 26 18 PB0 I/O TTa - TIM3_CH3, TIM1_CH2N, TIM8_CH2N,TSC_G3_IO2, EVENTOUT ADC3_IN12, COMP4_INP, OPAMP3_VINP, OPAMP2_VINP K6 36 27 19 PB1 I/O TTa (4) (5) TIM3_CH4, TIM1_CH3N, TIM8_CH3N, COMP4_OUT, TSC_G3_IO3, EVENTOUT ADC3_IN1, OPAMP3_VOUT- K5 37 28 20 PB2 I/O TTa - TSC_G3_IO4, EVENTOUT ADC2_IN12, COMP4_INM, OPAMP3_VINM F8 38 - - PE7 I/O TTa (1) TIM1_ETR, EVENTOUT ADC3_IN13, COMP4_INP E6 39 - - PE8 I/O TTa (1) TIM1_CH1N, EVENTOUT COMP4_INM, ADC34_IN6 - 40 - - PE9 I/O TTa (4) (1) TIM1_CH1, EVENTOUT ADC3_IN2 - 41 - - PE10 I/O TTa (1) TIM1_CH2N, EVENTOUT ADC3_IN14 H5 42 - - PE11 I/O TTa (1) TIM1_CH2, EVENTOUT ADC3_IN15 G5 43 - - PE12 I/O TTa (1) TIM1_CH3N, EVENTOUT ADC3_IN16 - 44 - - PE13 I/O TTa (1) TIM1_CH3, EVENTOUT ADC3_IN3 - 45 - - PE14 I/O TTa (4) (1) TIM1_CH4, TIM1_BKIN2, EVENTOUT ADC4_IN1 - 46 - - PE15 I/O TTa (4) (1) USART3_RX, TIM1_BKIN, EVENTOUT ADC4_IN2 K4 47 29 21 PB10 I/O TTa - USART3_TX, TIM2_CH3, TSC_SYNC, EVENTOUT COMP5_INM, OPAMP4_VINM, OPAMP3_VINM K3 48 30 22 PB11 I/O TTa - USART3_RX, TIM2_CH4, TSC_G6_IO1, EVENTOUT COMP6_INP, OPAMP4_VINP K1, J1, K2 49 31 23 VSS S - - Digital ground J5 50 32 24 VDD S - - Digital power supply J4 51 33 25 PB12 I/O TTa (4) (5) SPI2_NSS,I2S2_WS,I2C2_S MBA, USART3_CK, TIM1_BKIN, TSC_G6_IO2, EVENTOUT ADC4_IN3, COMP3_INM, OPAMP4_VOUT Table 13. STM32F303xB/STM32F303xC pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |