| 전자부품 데이터시트 검색엔진 |
|
STM32F303CB 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303CB 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 148 page ![]() DocID023353 Rev 13 37/148 STM32F303xB STM32F303xC Pinouts and pin description 54 J9 24 15 11 PA1 I/O TTa (4) USART2_RTS_DE, TIM2_CH2, TSC_G1_IO2, TIM15_CH1N, RTC_REFIN, EVENTOUT ADC1_IN2, COMP1_INP, OPAMP1_VINP, OPAMP3_VINP F7 25 16 12 PA2 I/O TTa (4) (5) USART2_TX, TIM2_CH3, TIM15_CH1, TSC_G1_IO3, COMP2_OUT, EVENTOUT ADC1_IN3, COMP2_INM, OPAMP1_VOUT G7 26 17 13 PA3 I/O TTa (4) USART2_RX, TIM2_CH4, TIM15_CH2, TSC_G1_IO4, EVENTOUT ADC1_IN4, OPAMP1_VINP, COMP2_INP, OPAMP1_VINM - 27 18 - PF4 I/O TTa (1) (4) COMP1_OUT, EVENTOUT ADC1_IN5 K9, K10 - - - VSS S - - Digital ground K8 28 19 - VDD S -- Digital power supply J7 29 20 14 PA4 I/O TTa (4) (5) SPI1_NSS, SPI3_NSS,I2S3_WS, USART2_CK, TSC_G2_IO1, TIM3_CH2, EVENTOUT ADC2_IN1, DAC1_OUT1, OPAMP4_VINP, COMP1_INM, COMP2_INM, COMP3_INM, COMP4_INM, COMP5_INM, COMP6_INM, COMP7_INM H7 30 21 15 PA5 I/O TTa (4) (5) SPI1_SCK, TIM2_CH1_ETR, TSC_G2_IO2, EVENTOUT ADC2_IN2, DAC1_OUT2 OPAMP1_VINP, OPAMP2_VINM, OPAMP3_VINP COMP1_INM, COMP2_INM, COMP3_INM, COMP4_INM, COMP5_INM, COMP6_INM, COMP7_INM H6 31 22 16 PA6 I/O TTa (4) (5) SPI1_MISO, TIM3_CH1, TIM8_BKIN, TIM1_BKIN, TIM16_CH1, COMP1_OUT, TSC_G2_IO3, EVENTOUT ADC2_IN3, OPAMP2_VOUT K7 32 23 17 PA7 I/O TTa (4) SPI1_MOSI, TIM3_CH2, TIM17_CH1, TIM1_CH1N, TIM8_CH1N, TSC_G2_IO4, COMP2_OUT, EVENTOUT ADC2_IN4, COMP2_INP, OPAMP2_VINP, OPAMP1_VINP G6 33 24 - PC4 I/O TTa (1) (4) USART1_TX, EVENTOUT ADC2_IN5 Table 13. STM32F303xB/STM32F303xC pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |