전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L151RB 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 STM32L151RB
상세설명  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RB 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button STM32L151RB Datasheet HTML 34Page - STMicroelectronics STM32L151RB Datasheet HTML 35Page - STMicroelectronics STM32L151RB Datasheet HTML 36Page - STMicroelectronics STM32L151RB Datasheet HTML 37Page - STMicroelectronics STM32L151RB Datasheet HTML 38Page - STMicroelectronics STM32L151RB Datasheet HTML 39Page - STMicroelectronics STM32L151RB Datasheet HTML 40Page - STMicroelectronics STM32L151RB Datasheet HTML 41Page - STMicroelectronics STM32L151RB Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 133 page
background image
Pin descriptions
STM32L151x6/8/B STM32L152x6/8/B
38/133
DocID17659 Rev 12
19 12 F1
J1
8
VSSA
S-
VSSA
--
20
-
-
K1
-
VREF-
S-
VREF-
--
21
-
G1
(6)
L1
-
VREF+
S-
VREF+
--
22 13 H1
M1
9
VDDA
S-
VDDA
--
23 14 G2
L2
10
PA0-WKUP1 I/O
FT
PA0
USART2_CTS/
TIM2_CH1_ETR
WKUP1/
ADC_IN0/
COMP1_INP
24 15 H2
M2
11
PA1
I/O
FT
PA1
USART2_RTS/
TIM2_CH2/LCD_SEG0
ADC_IN1/
COMP1_INP
25 16 F3
K3
12
PA2
I/O
FT
PA2
USART2_TX/TIM2_CH3/
TIM9_CH1/LCD_SEG1
ADC_IN2/
COMP1_INP
26 17 G3
L3
13
PA3
I/O
TC
PA3
USART2_RX/TIM2_CH4/
TIM9_CH2/LCD_SEG2
ADC_IN3/
COMP1_INP
27 18 C2
E3
-
VSS_4
S-
VSS_4
--
28 19 D2
H3
-
VDD_4
S-
VDD_4
--
29 20 H3
M3
14
PA4
I/O
TC
PA4
SPI1_NSS/USART2_CK
ADC_IN4/
DAC_OUT1/
COMP1_INP
30 21 F4
K4
15
PA5
I/O
TC
PA5
SPI1_SCK/
TIM2_CH1_ETR
ADC_IN5/
DAC_OUT2/
COMP1_INP
31 22 G4
L4
16
PA6
I/O
FT
PA6
SPI1_MISO/TIM3_CH1/
LCD_SEG3/TIM10_CH1
ADC_IN6
/COMP1_INP
32 23 H4
M4
17
PA7
I/O
FT
PA7
SPI1_MOSI//TIM3_CH2/
LCD_SEG4/TIM11_CH1
ADC_IN7/
COMP1_INP
33 24 H5
K5
-
PC4
I/O
FT
PC4
LCD_SEG22
ADC_IN14/
COMP1_INP
34 25 H6
L5
-
PC5
I/O
FT
PC5
LCD_SEG23
ADC_IN15/
COMP1_INP
Table 8. STM32L151x6/8/B and STM32L152x6/8/B pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pins functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More