| 전자부품 데이터시트 검색엔진 |
|
STM32F411RET7 데이터시트(PDF) 146 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411RET7 데이터시트(HTML) 146 Page - STMicroelectronics |
|
146 / 149 page ![]() Application block diagrams STM32F411xC STM32F411xE 146/149 DocID026289 Rev 6 B.3 Batch Acquisition Mode (BAM) example Data is transferred through the DMA from interfaces into the internal SRAM while the rest of the MCU is set in low power mode. • Code execution from RAM before switching off the Flash. • Flash is set in power down and flash interface (ART™ accelerator) clock is stopped. • The clocks are enabled only for the required interfaces. • MCU core is set in sleep mode (core clock stopped waiting for interrupt). • Only the needed DMA channels are enabled and running. Figure 65. Batch Acquisition Mode (BAM) example |