전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F411RET7 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 STM32F411RET7
상세설명  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RET7 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button STM32F411RET7 Datasheet HTML 36Page - STMicroelectronics STM32F411RET7 Datasheet HTML 37Page - STMicroelectronics STM32F411RET7 Datasheet HTML 38Page - STMicroelectronics STM32F411RET7 Datasheet HTML 39Page - STMicroelectronics STM32F411RET7 Datasheet HTML 40Page - STMicroelectronics STM32F411RET7 Datasheet HTML 41Page - STMicroelectronics STM32F411RET7 Datasheet HTML 42Page - STMicroelectronics STM32F411RET7 Datasheet HTML 43Page - STMicroelectronics STM32F411RET7 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 149 page
background image
Pinouts and pin description
STM32F411xC STM32F411xE
40/149
DocID026289 Rev 6
10
14
F6
23
L2
PA0-WKUP
I/O TC
(5)
TIM2_CH1/TIM2_ET,
TIM5_CH1,
USART2_CTS,
EVENTOUT
ADC1_0, WKUP1
11
15
G7
24
M2
PA1
I/O FT
-
TIM2_CH2,
TIM5_CH2,
SPI4_MOSI/I2S4_SD,
USART2_RTS,
EVENTOUT
ADC1_1
12
16
E5
25
K3
PA2
I/O FT
-
TIM2_CH3,
TIM5_CH3,
TIM9_CH1,
I2S2_CKIN,
USART2_TX,
EVENTOUT
ADC1_2
13
17
E4
26
L3
PA3
I/O FT
-
TIM2_CH4,
TIM5_CH4,
TIM9_CH2,
I2S2_MCK,
USART2_RX,
EVENTOUT
ADC1_3
-
18
-
27
-
VSS
S
-
-
-
-
-
-
-
-
E3
BYPASS_REG
S
-
-
-
-
-
19
-
28
-
VDD
I
FT
-
EVENTOUT
-
14
20
G6
29
M3
PA4
I/O FT
-
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART2_CK,
EVENTOUT
ADC1_4
15
21
F5
30
K4
PA5
I/O FT
-
TIM2_CH1/TIM2_ET,
SPI1_SCK/I2S1_CK,
EVENTOUT
ADC1_5
16
22
F4
31
L4
PA6
I/O FT
-
TIM1_BKIN,
TIM3_CH1,
SPI1_MISO,
I2S2_MCK,
SDIO_CMD,
EVENTOUT
ADC1_6
17
23
F3
32
M4
PA7
I/O FT
-
TIM1_CH1N,
TIM3_CH2,
SPI1_MOSI/I2S1_SD,
EVENTOUT
ADC1_7
Table 8. STM32F411xC/xE pin definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More