전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F411RCT7 데이터시트(PDF) 44 Page - STMicroelectronics

부품명 STM32F411RCT7
상세설명  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RCT7 데이터시트(HTML) 44 Page - STMicroelectronics

Back Button STM32F411RCT7 Datasheet HTML 40Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 41Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 42Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 43Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 44Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 45Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 46Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 47Page - STMicroelectronics STM32F411RCT7 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 149 page
background image
Pinouts and pin description
STM32F411xC STM32F411xE
44/149
DocID026289 Rev 6
31
43
C2
69
C12 PA10
I/O FT
-
TIM1_CH3,
SPI5_MOSI/I2S5_SD,
USART1_RX,
USB_FS_ID,
EVENTOUT
-
32
44
C1
70
B12 PA11
I/O FT
-
TIM1_CH4,
SPI4_MISO,
USART1_CTS,
USART6_TX,
USB_FS_DM,
EVENTOUT
-
33
45
C3
71
A12 PA12
I/O FT
-
TIM1_ETR,
SPI5_MISO,
USART1_RTS,
USART6_RX,
USB_FS_DP,
EVENTOUT
-
34
46
B3
72
A11 PA13
I/O FT
-
JTMS-SWDIO,
EVENTOUT
-
-
-
-
73
C11 VCAP_2
S
-
-
-
-
35
47
B1
74
F11 VSS
S
-
-
-
-
36
48
B2
75
G11 VDD
S
-
-
-
-
37
49
A1
76
A10 PA14
I/O FT
-
JTCK-SWCLK,
EVENTOUT
-
38
50
A2
77
A9
PA15
I/O FT
-
JTDI,
TIM2_CH1/TIM2_ETR
,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART1_TX,
EVENTOUT
-
-
51
-
78
B11 PC10
I/O FT
-
SPI3_SCK/I2S3_CK,
SDIO_D2,
EVENTOUT
-
-
52
-
79
C10 PC11
I/O FT
-
I2S3ext_SD,
SPI3_MISO,
SDIO_D3,
EVENTOUT
-
-
53
-
80
B10 PC12
I/O FT
-
SPI3_MOSI/I2S3_SD,
SDIO_CK,
EVENTOUT
-
Table 8. STM32F411xC/xE pin definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More