전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F411RCT6 데이터시트(PDF) 80 Page - STMicroelectronics

부품명 STM32F411RCT6
상세설명  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RCT6 데이터시트(HTML) 80 Page - STMicroelectronics

Back Button STM32F411RCT6 Datasheet HTML 76Page - STMicroelectronics STM32F411RCT6 Datasheet HTML 77Page - STMicroelectronics STM32F411RCT6 Datasheet HTML 78Page - STMicroelectronics STM32F411RCT6 Datasheet HTML 79Page - STMicroelectronics STM32F411RCT6 Datasheet HTML 80Page - STMicroelectronics STM32F411RCT6 Datasheet HTML 81Page - STMicroelectronics STM32F411RCT6 Datasheet HTML 82Page - STMicroelectronics STM32F411RCT6 Datasheet HTML 83Page - STMicroelectronics STM32F411RCT6 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
80/149
DocID026289 Rev 6
APB2
(up to 100 MHz)
TIM1
5.71
µA/MHz
TIM9
2.86
TIM10
1.79
TIM11
2.02
OTG_FS
23.93
ADC1(4)
2.98
SPI1
1.19
USART1
3.10
USART6
2.86
SDIO
5.95
SPI4
1.31
SYSCFG
0.71
1. Valid if all the DMA streams are activated (please refer to the reference manual RM0383).
2. For N DMA streams activated (up to 8 activated streams, refer to the reference manual RM0383).
3. I2SMOD bit set in SPI_I2SCFGR register, and then the I2SE bit set to enable I2S peripheral.
4. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6
mA for the analog part.
Table 33. Peripheral current consumption (continued)
Peripheral
IDD (Typ)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More