| 전자부품 데이터시트 검색엔진 |
|
STMPE16M31PX 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31PX 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 75 page ![]() Touchkey and proximity sensing controller STMPE16M31PX 64/75 Doc ID 17058 Rev 2 TOUCH_DET Touchkey detection register Address: 0xB4-B5 Type: RW Reset: 0x0000 Description: Represents the real time status of the touchkey input. This is a direct result of comparison of sensed impedance with calibrated impedance (taking in account of hysteresis). This data is not buffered. Bit 7-0 (0xB4) Bit 15-8 (0xB5) 76 543 210 S7 S6 S5 S4 S3 S2 S1 S0 RW RW RW RW RW RW RW RW 00 000 000 76 543 210 S15 S14 S13 S12 S11 S10 S9 S8 RW RW RW RW RW RW RW RW 00 000 000 [15:0] S-X Read ‘1’ if the corresponding sensor channel status is ‘touched’ Obsolete Product(s) - Obsolete Product(s) |