| 전자부품 데이터시트 검색엔진 |
|
P87C51MB2BA 데이터시트(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87C51MB2BA 데이터시트(HTML) 16 Page - NXP Semiconductors |
|
16 / 34 page ![]() 2001 Apr 06 16 Philips Semiconductors Preliminary specification P87C51MB2/P87C51MC2 80C51 8-bit microcontroller family with extended memory 64KB/96KB OTP with 2KB/3KB RAM Baud Rate Selection UART 0 and UART 1 selects the baud rate differently as shown in Tables 4 and 5: S0CON.7 (SM0_0) S0CON.6 (SM1_0) T2CON.5/4 (RCLK - Receive TCLK - Transmit) PCON.7 (SMOD1) BRGCON.1 (S0BRGS) Receive/Transmit Baud Rate for UART 0 0 0 X X X fOSC/6 0 1 0 0 X T1_rate/32* 0 1 X T1_rate/16* 1 X 0 T2_rate/16* 1 X 1 fOSC/(BRATE×16+16) * 1 0 X 0 X fOSC/32 X 1 X fOSC/16 1 1 0 0 X T1_rate/32* 0 1 X T1_rate/16* 1 X 0 T2_rate/16* 1 X 1 fOSC/(BRATE×16+16) * * UART 0 can have different receive and transmit baud rates. Table 4: Baud Rate Generation for UART 0. Use T2CON.5 (RCLK) in Receive Baud Rate Selection, T2CON.4 (TCLK) in Transmit Baud Rate Selection S1CON.7 (SM0_1) S1CON.6 (SM1_1) Baud Rate for UART 1 0 0 fOSC/6 0 1 fOSC/(BRATE×16+16) * 1 0 fOSC/(BRATE×16+16) * 1 1 fOSC/(BRATE×16+16) * * UART 1 has the same receive and transmit baud rate. Table 5: Baud Rate Generation for UART 1. |