전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPTIC-68G2 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STPTIC-68G2
상세설명  High power capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-68G2 데이터시트(HTML) 1 Page - STMicroelectronics

  STPTIC-68G2 Datasheet HTML 1Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 2Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 3Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 4Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 5Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 6Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 7Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 8Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
July 2015
DocID028100 Rev 1
1/11
STPTIC-68G2
Parascan™ tunable integrated capacitor
Datasheet
- production data
Features
• High power capability
• 5:1 tuning range
• High linearity
• High quality factor (Q)
• Low leakage current
• Compatible with high voltage control IC
(STHVDAC series)
• Available in wafer level chip scale package:
– WLCSP package 0.6 x 0.8 x 0.3 mm
• ECOPACK®2 compliant component
Benefit
• RF tunable passive implementation in mobile
phones to optimize antenna radiated
performance
Applications
• Cellular antenna open loop tunable matching
network in multi-band GSM/WCDMA/LTE
mobile phone
• Open loop tunable RF filters
Description
The ST integrated tunable capacitor offers
excellent RF performance, low power
consumption and high linearity required in
adaptive RF tuning applications. The fundamental
building block of PTIC is a tunable material called
Parascan™, which is a version of barium
strontium titanate (BST) developed by Paratek
microwave.
BST capacitors are tunable capacitors intended
for use in mobile phone application and dedicated
to RF tunable applications. These tunable
capacitors are controlled through an extended
bias voltage ranging from 1 to 24 V. The
implementation of BST tunable capacitor in
mobile phones enables significant improvement
in terms of radiated performance making the
performance almost insensitive to the external
environment.
Figure 1. PTIC functional block diagram
TM: Parascan is a trademark of Paratek Microwave Inc.
www.st.com


유사한 부품 번호 - STPTIC-68G2

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPTIC-68G2C5 STMICROELECTRONICS-STPTIC-68G2C5 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
STPTIC-68G2H5 STMICROELECTRONICS-STPTIC-68G2H5 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
STPTIC-68G2M6 STMICROELECTRONICS-STPTIC-68G2M6 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
More results

유사한 설명 - STPTIC-68G2

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
AR25Z CHENYI-AR25Z Datasheet
50Kb / 2P
High power capability Economical
AR35L CHENYI-AR35L Datasheet
50Kb / 2P
High power capability Economical
logo
Pasternack Enterprises,...
PE20S0004 PASTERNACK-PE20S0004 Datasheet
461Kb / 6P
High Power Handling Capability
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com