전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTH8T06 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STTH8T06
상세설명  Very low switching losses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8T06 데이터시트(HTML) 6 Page - STMicroelectronics

  STTH8T06 Datasheet HTML 1Page - STMicroelectronics STTH8T06 Datasheet HTML 2Page - STMicroelectronics STTH8T06 Datasheet HTML 3Page - STMicroelectronics STTH8T06 Datasheet HTML 4Page - STMicroelectronics STTH8T06 Datasheet HTML 5Page - STMicroelectronics STTH8T06 Datasheet HTML 6Page - STMicroelectronics STTH8T06 Datasheet HTML 7Page - STMicroelectronics STTH8T06 Datasheet HTML 8Page - STMicroelectronics STTH8T06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
STTH8T06
6/9
DocID023406 Rev 3
2
Package information
Epoxy meets UL94, V0
Cooling method: by conduction (C)
Recommended torque: 0.4 to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12. T0-220AC ins dimension definitions
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l2
c1
M



Html Pages

1 2 3 4 5 6 7 8 9