전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F8720 데이터시트(PDF) 11 Page - Microchip Technology

부품명 PIC18F8720
상세설명  64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8720 데이터시트(HTML) 11 Page - Microchip Technology

Back Button PIC18F8720 Datasheet HTML 7Page - Microchip Technology PIC18F8720 Datasheet HTML 8Page - Microchip Technology PIC18F8720 Datasheet HTML 9Page - Microchip Technology PIC18F8720 Datasheet HTML 10Page - Microchip Technology PIC18F8720 Datasheet HTML 11Page - Microchip Technology PIC18F8720 Datasheet HTML 12Page - Microchip Technology PIC18F8720 Datasheet HTML 13Page - Microchip Technology PIC18F8720 Datasheet HTML 14Page - Microchip Technology PIC18F8720 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 380 page
background image
 2004 Microchip Technology Inc.
DS39609B-page 9
PIC18F6520/8520/6620/8620/6720/8720
FIGURE 1-1:
PIC18F6X20 BLOCK DIAGRAM
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
OSC1/CLKI
OSC2/CLKO
MCLR/VPP VDD, VSS
PORTA
PORTB
PORTC
RA4/T0CKI
RA5/AN4/LVDIN
RB0/INT0
RC0/T1OSO/T13CKI
RC1/T1OSI/CCP2
RC2/CCP1
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6/TX1/CK1
RC7/RX1/DT1
Brown-out
Reset
USART1
Comparator
Synchronous
BOR
Serial Port
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
RA0/AN0
Timing
Generation
RB1/INT1
Data Latch
Data RAM
Address Latch
Address<12>
12
Bank0, F
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Decode
4
12
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
WREG
8
BITOP
8
8
ALU<8>
8
Address Latch
Program Memory
Data Latch
21
21
16
8
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
ROM Latch
PORTD
RD7/PSP7:RD0/PSP0
RB2/INT2
RB3/INT3
PCLATU
PCU
Precision
Reference
Band Gap
PORTE
PORTF
PORTG
RG0/CCP3
RG1/TX2/CK2
RG2/RX2/DT2
RG3/CCP4
RG4/CCP5
RF7/SS
RE6
RE7/CCP2
RE5
RE4
RE3
RE2/CS
RE0/RD
RE1/WR
LVD
RA6
Timer0
Timer1
Timer2
Timer3
Timer4
CCP1
CCP2
CCP3
CCP4
CCP5
USART2
10-bit
A/D
RF6/AN11
RF5/AN10/CVREF
RF4/AN9
RF3/AN8
RF2/AN7/C1OUT
RF0/AN5
RF1/AN6/C2OUT
RB4/KBI0
RB5/KBI1/PGM
RB6/KBI2/PGC
RB7/KBI3/PGD
Data
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More