전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FERD40M45C 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 FERD40M45C
상세설명  Low forward voltage drop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40M45C 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button FERD40M45C Datasheet HTML 2Page - STMicroelectronics FERD40M45C Datasheet HTML 3Page - STMicroelectronics FERD40M45C Datasheet HTML 4Page - STMicroelectronics FERD40M45C Datasheet HTML 5Page - STMicroelectronics FERD40M45C Datasheet HTML 6Page - STMicroelectronics FERD40M45C Datasheet HTML 7Page - STMicroelectronics FERD40M45C Datasheet HTML 8Page - STMicroelectronics FERD40M45C Datasheet HTML 9Page - STMicroelectronics FERD40M45C Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package Information
FERD40M45C
6/10
DocID024889 Rev 1
Table 5. TO-220AB dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.17
0.18
b
0.61
0.88
0.024
0.035
b1
1.14
1.70
0.045
0.067
c
0.48
0.70
0.019
0.027
D
15.25
15.75
0.60
0.62
D1
1.27 typ.
0.05 typ.
E
10
10.40
0.39
0.41
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.19
0.20
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.24
0.26
J1
2.40
2.72
0.094
0.107
L13
14
0.51
0.55
L1
3.50
3.93
0.137
0.154
L20
16.40 typ.
0.64 typ.
L30
28.90 typ.
1.13 typ.
P
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10