전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD6N80K5 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 STD6N80K5
상세설명  Zener-protected
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6N80K5 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button STD6N80K5 Datasheet HTML 15Page - STMicroelectronics STD6N80K5 Datasheet HTML 16Page - STMicroelectronics STD6N80K5 Datasheet HTML 17Page - STMicroelectronics STD6N80K5 Datasheet HTML 18Page - STMicroelectronics STD6N80K5 Datasheet HTML 19Page - STMicroelectronics STD6N80K5 Datasheet HTML 20Page - STMicroelectronics STD6N80K5 Datasheet HTML 21Page - STMicroelectronics STD6N80K5 Datasheet HTML 22Page - STMicroelectronics STD6N80K5 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
DocID024661 Rev 3
19/26
STB6N80K5, STD6N80K5, STI6N80K5, STP6N80K5
Package information
26
Table 12. I²PAK mechanical data
DIM.
mm.
min.
typ.
max.
A
4.40
4.60
A1
2.40
2.72
b
0.61
0.88
b1
1.14
1.70
c
0.49
0.70
c2
1.23
1.32
D
8.95
9.35
e
2.40
2.70
e1
4.95
5.15
E10
10.40
L13
14
L1
3.50
3.93
L2
1.27
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26