전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STI6N80K5 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STI6N80K5
상세설명  Zener-protected
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI6N80K5 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STI6N80K5 Datasheet HTML 12Page - STMicroelectronics STI6N80K5 Datasheet HTML 13Page - STMicroelectronics STI6N80K5 Datasheet HTML 14Page - STMicroelectronics STI6N80K5 Datasheet HTML 15Page - STMicroelectronics STI6N80K5 Datasheet HTML 16Page - STMicroelectronics STI6N80K5 Datasheet HTML 17Page - STMicroelectronics STI6N80K5 Datasheet HTML 18Page - STMicroelectronics STI6N80K5 Datasheet HTML 19Page - STMicroelectronics STI6N80K5 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Package information
STB6N80K5, STD6N80K5, STI6N80K5, STP6N80K5
16/26
DocID024661 Rev 3
Table 11. DPAK (TO-252) type E mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.18
2.39
A2
0.13
b0.65
0.884
b4
4.95
5.46
c0.46
0.61
c2
0.46
0.60
D5.97
6.22
D1
5.21
E6.35
6.73
E1
4.32
e2.286
e1
4.572
H
9.94
10.34
L1.50
1.78
L1
2.74
L2
0.89
1.27
L4
1.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26