| 전자부품 데이터시트 검색엔진 |
|
ST4ETA103 데이터시트(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
ST4ETA103 데이터시트(HTML) 1 Page - Copal Electronics |
|
1 / 6 page ![]() 1 6 8 4 3 9 5 7 2 SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN) RoHS compliant Wide variety (7 types) to choose from Automatic mounting is possible (Taping) Flow/reflow soldering is possible Sealed construction (Washable: Refer to page 750.) Stopper structure prevents terminal pin from being open. Cross slot rotor suitable for automatic adjustment ■ FEATURES Part name Material Flammability 1 2 3 4 5 6 7 8 9 Wiper Cover Housing Terminal pin Base element “O” ring Rotor Electrode Resistive element Multi metal alloy — Stainless steel (SUS 304) Epoxy UL94V-0 Copper alloy, Sn-Cu-plated — Ceramic Silicone rubber UL94HB Polyphenylenesulphide UL94V-0 Ag-Pd cermet — RuO2 cermet INTERNAL STRUCTURE ■ PART NUMBER DESIGNATION ※Please refer to the LIST OF PART NUMBERS when placing orders. S T - 4 E T A 2 0 0 Ω ( 2 0 1 ) Series name (minus slot) Form of packaging T :Taping (Reel) Blank :Bulk in plastic bag Terminal pin E :Sn-Cu (Lead-free) Form of packaging T :Taping (Reel) Blank :Bulk in plastic bag Terminal pin E :Sn-Cu (Lead-free) Resistance code Resistance value Product shape (Shape of terminal) A, G :J-hook B, D, H :Gull wing C, F :Through hole pins S T - 4 2 E T A 2 0 0 Ω ( 2 0 1 ) Series name (cross slot) Resistance code Resistance value Product shape (Shape of terminal) A, G :J-hook B, D, H :Gull wing C, F :Through hole pins ST-4 RoHS compliant |
유사한 부품 번호 - ST4ETA103 |
|
유사한 설명 - ST4ETA103 |