전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP10N95K5 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 STP10N95K5
상세설명  Switching applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10N95K5 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button STP10N95K5 Datasheet HTML 14Page - STMicroelectronics STP10N95K5 Datasheet HTML 15Page - STMicroelectronics STP10N95K5 Datasheet HTML 16Page - STMicroelectronics STP10N95K5 Datasheet HTML 17Page - STMicroelectronics STP10N95K5 Datasheet HTML 18Page - STMicroelectronics STP10N95K5 Datasheet HTML 19Page - STMicroelectronics STP10N95K5 Datasheet HTML 20Page - STMicroelectronics STP10N95K5 Datasheet HTML 21Page - STMicroelectronics STP10N95K5 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Package mechanical data
STB10N95K5, STF10N95K5, STP10N95K5, STW10N95K5
18/22
DocID024850 Rev 3
e
5.30
5.45
5.60
L
14.20
14.80
L1
3.70
4.30
L2
18.50
∅P
3.55
3.65
∅R
4.50
5.50
S
5.30
5.50
5.70
Table 12. TO-247 mechanical data (continued)
Dim.
mm.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22