전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW18N60M2 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 STW18N60M2
상세설명  Low gate input resistance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW18N60M2 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button STW18N60M2 Datasheet HTML 13Page - STMicroelectronics STW18N60M2 Datasheet HTML 14Page - STMicroelectronics STW18N60M2 Datasheet HTML 15Page - STMicroelectronics STW18N60M2 Datasheet HTML 16Page - STMicroelectronics STW18N60M2 Datasheet HTML 17Page - STMicroelectronics STW18N60M2 Datasheet HTML 18Page - STMicroelectronics STW18N60M2 Datasheet HTML 19Page - STMicroelectronics STW18N60M2 Datasheet HTML 20Page - STMicroelectronics STW18N60M2 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DocID024735 Rev 2
17/21
STB18N60M2, STP18N60M2, STW18N60M2
Package mechanical data
21
Table 11. TO-247 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
4.85
5.15
A1
2.20
2.60
b1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c
0.40
0.80
D
19.85
20.15
E
15.45
15.75
e
5.30
5.45
5.60
L
14.20
14.80
L1
3.70
4.30
L2
18.50
∅P
3.55
3.65
∅R
4.50
5.50
S
5.30
5.50
5.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21