전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB33N65M2 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STB33N65M2
상세설명  N-channel 650 V, 0.117 Ω typ., 24 A MDmesh™ M2 Power MOSFETs in D²PAK, TO-220FP, TO-220 and I²PAK packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB33N65M2 데이터시트(HTML) 5 Page - STMicroelectronics

  STB33N65M2 Datasheet HTML 1Page - STMicroelectronics STB33N65M2 Datasheet HTML 2Page - STMicroelectronics STB33N65M2 Datasheet HTML 3Page - STMicroelectronics STB33N65M2 Datasheet HTML 4Page - STMicroelectronics STB33N65M2 Datasheet HTML 5Page - STMicroelectronics STB33N65M2 Datasheet HTML 6Page - STMicroelectronics STB33N65M2 Datasheet HTML 7Page - STMicroelectronics STB33N65M2 Datasheet HTML 8Page - STMicroelectronics STB33N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID027286 Rev 1
5/23
STB33N65M2, STF33N65M2, STP33N65M2, STI33N65M2
Electrical characteristics
23
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
24
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
96
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
VGS = 0 V, ISD = 24 A
-
1.6
V
trr
Reverse recovery time
ISD = 24 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 18)
-
426
ns
Qrr
Reverse recovery charge
-
7
µC
IRRM
Reverse recovery current
-
33.5
A
trr
Reverse recovery time
ISD = 24 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 18)
-
544
ns
Qrr
Reverse recovery charge
-
10
µC
IRRM
Reverse recovery current
-
36.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23