| 전자부품 데이터시트 검색엔진 |
|
HAL1002 데이터시트(PDF) 35 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL1002 데이터시트(HTML) 35 Page - Micronas |
|
35 / 102 page ![]() APPLICATION NOTE HAL8xy, HAL100x Programmer Board Micronas Sept. 19, 2013; APN000046_03EN 35 5. Operation Mode 1 HAL805, HAL815, HAL817, HAL810, HAL82x, HAL83x, HAL880, HAL1000 and HAL1002 This operation mode is set by sending the “j1” command. Unlike the emulation mode described in the previous section, this operation mode allows the use of additional fea- tures which are not implemented in the Hall Programmer Board V 4.1. Communication: PC prog. board Section 5.1 and Section 5.2 contain a detailed description of communication between the PC and the programmer board V 5.1. Particularly, all board commands available in the operation mode “j1” are listed. Communication: prog. board sensor The communication between the programmer board and the Hall sensor is described in Section 5.3 Data formats The data formats for communication between both the PC and the board, and the board and the sensor are summarized in Section 5.4 Programming procedure Finally, Section 5.5 depicts the programming procedure and gives an example of a complete programming sequence. |