전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB120N10F4 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 STB120N10F4
상세설명  N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB120N10F4 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button STB120N10F4 Datasheet HTML 10Page - STMicroelectronics STB120N10F4 Datasheet HTML 11Page - STMicroelectronics STB120N10F4 Datasheet HTML 12Page - STMicroelectronics STB120N10F4 Datasheet HTML 13Page - STMicroelectronics STB120N10F4 Datasheet HTML 14Page - STMicroelectronics STB120N10F4 Datasheet HTML 15Page - STMicroelectronics STB120N10F4 Datasheet HTML 16Page - STMicroelectronics STB120N10F4 Datasheet HTML 17Page - STMicroelectronics STB120N10F4 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DocID026168 Rev 1
15/18
STB120N10F4, STP120N10F4
Packaging mechanical data
18
5
Packaging mechanical data
Figure 22. Tape
P1
A0
D1
P0
F
W
E
D
B0
K0
T
User direction of feed
P2
10 pitches cumulative
tolerance on tape +/- 0.2 mm
User direction of feed
R
Bending radius
Top cover
tape
AM08852v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com