전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP5N60M2 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 STP5N60M2
상세설명  Extremely low gate charge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5N60M2 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button STP5N60M2 Datasheet HTML 14Page - STMicroelectronics STP5N60M2 Datasheet HTML 15Page - STMicroelectronics STP5N60M2 Datasheet HTML 16Page - STMicroelectronics STP5N60M2 Datasheet HTML 17Page - STMicroelectronics STP5N60M2 Datasheet HTML 18Page - STMicroelectronics STP5N60M2 Datasheet HTML 19Page - STMicroelectronics STP5N60M2 Datasheet HTML 20Page - STMicroelectronics STP5N60M2 Datasheet HTML 21Page - STMicroelectronics STP5N60M2 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Package information
STD5N60M2, STP5N60M2, STU5N60M2
18/22
DocID025318 Rev 4
Table 12: TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.55
c
0.48
0.70
D
15.25
15.75
D1
1.27
E
10.00
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L
13.00
14.00
L1
3.50
3.93
L20
16.40
L30
28.90
øP
3.75
3.85
Q
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22