| 전자부품 데이터시트 검색엔진 |
|
STH80N10F7-2 데이터시트(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STH80N10F7-2 데이터시트(HTML) 23 Page - STMicroelectronics |
|
23 / 25 page ![]() DocID025865 Rev 1 23/25 STD80N10F7, STF80N10F7, STH80N10F7-2, STP80N10F7 Packaging mechanical data 25 Table 13. H²PAK-2 tape and reel mechanical data Tape Reel Dim. mm Dim. mm Min. Max. Min. Max. A0 10.5 10.7 A 330 B0 15.7 15.9 B 1.5 D 1.5 1.6 C 12.8 13.2 D1 1.59 1.61 D 20.2 E 1.65 1.85 G 24.4 26.4 F 11.4 11.6 N 100 K0 4.8 5.0 T 30.4 P0 3.9 4.1 P1 11.9 12.1 Base qty 1000 P2 1.9 2.1 Bulk qty 1000 R50 T 0.25 0.35 W 23.7 24.3 |