전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STDLED524 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STDLED524
상세설명  Very low intrinsic capacitance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDLED524 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STDLED524 Datasheet HTML 9Page - STMicroelectronics STDLED524 Datasheet HTML 10Page - STMicroelectronics STDLED524 Datasheet HTML 11Page - STMicroelectronics STDLED524 Datasheet HTML 12Page - STMicroelectronics STDLED524 Datasheet HTML 13Page - STMicroelectronics STDLED524 Datasheet HTML 14Page - STMicroelectronics STDLED524 Datasheet HTML 15Page - STMicroelectronics STDLED524 Datasheet HTML 16Page - STMicroelectronics STDLED524 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DocID025164 Rev 1
13/22
STDLED524,STFILED524,STPLED524,STULED524
Package mechanical data
Table 10. I2PAKFP (TO-281) mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
-
4.60
B
2.50
2.70
D
2.50
2.75
D1
0.65
0.85
E
0.45
0.70
F
0.75
1.00
F1
1.20
G
4.95
5.20
H
10.00
10.40
L1
21.00
23.00
L2
13.20
14.10
L3
10.55
10.85
L4
2.70
3.20
L5
0.85
1.25
L6
7.30
7.50
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22