전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPLED656 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STPLED656
상세설명  Gate charge minimized
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPLED656 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STPLED656 Datasheet HTML 10Page - STMicroelectronics STPLED656 Datasheet HTML 11Page - STMicroelectronics STPLED656 Datasheet HTML 12Page - STMicroelectronics STPLED656 Datasheet HTML 13Page - STMicroelectronics STPLED656 Datasheet HTML 14Page - STMicroelectronics STPLED656 Datasheet HTML 15Page - STMicroelectronics STPLED656 Datasheet HTML 16Page - STMicroelectronics STPLED656 Datasheet HTML 17Page - STMicroelectronics STPLED656 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Package mechanical data
STDLED656, STFILED656, STPLED656, STULED656
14/22
DocID024429 Rev 1
Figure 25. I2PAKFP (TO-281) drawing
Table 10. I2PAKFP (TO-281) mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
-
4.60
B2.50
2.70
D2.50
2.75
D1
0.65
0.85
E0.45
0.70
F0.75
1.00
F1
1.20
G4.95
5.20
H
10.00
10.40
L1
21.00
23.00
L2
13.20
14.10
L3
10.55
10.85
L4
2.70
3.20
L5
0.85
1.25
L6
7.30
7.50
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22