전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STU6N65M2 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STU6N65M2
상세설명  Extremely low gate charge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU6N65M2 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STU6N65M2 Datasheet HTML 10Page - STMicroelectronics STU6N65M2 Datasheet HTML 11Page - STMicroelectronics STU6N65M2 Datasheet HTML 12Page - STMicroelectronics STU6N65M2 Datasheet HTML 13Page - STMicroelectronics STU6N65M2 Datasheet HTML 14Page - STMicroelectronics STU6N65M2 Datasheet HTML 15Page - STMicroelectronics STU6N65M2 Datasheet HTML 16Page - STMicroelectronics STU6N65M2 Datasheet HTML 17Page - STMicroelectronics STU6N65M2 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package mechanical data
STF6N65M2, STP6N65M2, STU6N65M2
14/18
DocID026776 Rev 1
Table 10. TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
4.60
b0.61
0.88
b1
1.14
1.70
c0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e2.40
2.70
e1
4.95
5.15
F1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
ØP
3.75
3.85
Q2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18