| 전자부품 데이터시트 검색엔진 |
|
STF11N65K3 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STF11N65K3 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 13 page ![]() STF11N65K3 Package mechanical data Doc ID 17931 Rev 2 11/13 Figure 21. TO-220FP drawing Table 9. TO-220FP mechanical data Dim. mm Min. Typ. Max. A4.4 4.6 B2.5 2.7 D 2.5 2.75 E0.45 0.7 F0.75 1 F1 1.15 1.70 F2 1.15 1.70 G4.95 5.2 G1 2.4 2.7 H 10 10.4 L2 16 L3 28.6 30.6 L4 9.8 10.6 L5 2.9 3.6 L6 15.9 16.4 L7 9 9.3 Dia 3 3.2 7012510_Rev_K A B H Dia L7 D E L6 L5 L2 L3 L4 F1 F2 F G G1 Obsolete Product(s) - Obsolete Product(s) |