전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STFI15N60M2-EP 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STFI15N60M2-EP
상세설명  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI15N60M2-EP 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STFI15N60M2-EP Datasheet HTML 7Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 8Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 9Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 10Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 11Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 12Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 13Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 14Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STF15N60M2-EP, STFI15N60M2-EP
Package mechanical data
DocID027373 Rev 1
11/15
Table 10: TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.4
4.6
B
2.5
2.7
D
2.5
2.75
E
0.45
0.7
F
0.75
1
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15