| 전자부품 데이터시트 검색엔진 |
|
CSD87313DMST 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CSD87313DMST 데이터시트(HTML) 9 Page - Texas Instruments |
|
9 / 16 page ![]() C 8X 0.37 0.27 2X 1.28 0.1 4X 0.3 0.1 2X 1.95 1.66 0.1 6X 0.65 0.8 MAX 0.05 0.00 4X 1.04 0.84 B 3.4 3.2 A 3.4 3.2 (0.2) TYP 2X (0.4) 2X (0.2) 4222980/A 05/2016 PIN 1 INDEX AREA SEATING PLANE 0.08 C 1 4 5 8 (OPTIONAL) PIN 1 ID 0.1 C A B 0.05 C EXPOSED THERMAL PAD SYMM PKG 9 CSD87313DMS www.ti.com SLPS642 – APRIL 2017 Product Folder Links: CSD87313DMS Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 7 Mechanical, Packaging, and Orderable Information The following pages include mechanical, packaging, and orderable information. This information is the most current data available for the designated devices. This data is subject to change without notice and revision of this document. For browser-based versions of this data sheet, refer to the left-hand navigation. 7.1 DMS Package Dimensions (1) All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. (2) This drawing is subject to change without notice. (3) The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance. Table 1. Pin Configuration Table POSITION DESIGNATION POSITION DESIGNATION 1 Gate 1 5 Source 2 2 Drain 6 Source 2 3 Drain 7 Source 1 4 Gate 2 8 Source 1 |