전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STAC3932F 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STAC3932F
상세설명  Excellent thermal stability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC3932F 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STAC3932F Datasheet HTML 8Page - STMicroelectronics STAC3932F Datasheet HTML 9Page - STMicroelectronics STAC3932F Datasheet HTML 10Page - STMicroelectronics STAC3932F Datasheet HTML 11Page - STMicroelectronics STAC3932F Datasheet HTML 12Page - STMicroelectronics STAC3932F Datasheet HTML 13Page - STMicroelectronics STAC3932F Datasheet HTML 14Page - STMicroelectronics STAC3932F Datasheet HTML 15Page - STMicroelectronics STAC3932F Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
STAC3932F
Package mechanical data
Doc ID 15513 Rev 4
13/16
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Table 9.
STAC244F package dimensions
Dim.
mm.
Inch
Min
Max
Min
Max
A
5.10
5.59
200
220
A1
4.32
4.83
170
190
B
4.32
5.33
170
210
C
9.65
9.91
380
390
D
19.61
20.02
772
788
E
20.45
20.70
805
815
F
0.08
1.15
0.003
0.006
G
0.89
1.14
0.035
0.045
H
1.45
1.70
0.057
0.067
I
3.18
4.32
0.125
0.170
J
9.27
9.53
0.365
0.375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16