전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB6N52K3 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STB6N52K3
상세설명  Extremely high dv/dt capability
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N52K3 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STB6N52K3 Datasheet HTML 12Page - STMicroelectronics STB6N52K3 Datasheet HTML 13Page - STMicroelectronics STB6N52K3 Datasheet HTML 14Page - STMicroelectronics STB6N52K3 Datasheet HTML 15Page - STMicroelectronics STB6N52K3 Datasheet HTML 16Page - STMicroelectronics STB6N52K3 Datasheet HTML 17Page - STMicroelectronics STB6N52K3 Datasheet HTML 18Page - STMicroelectronics STB6N52K3 Datasheet HTML 19Page - STMicroelectronics STB6N52K3 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Package mechanical data
STB6N52K3, STD6N52K3, STF6N52K3, STP6N52K3
16/22
Doc ID 14994 Rev 2
Table 12.
TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
D1
1.27
E10
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
∅P
3.75
3.85
Q
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22