전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGIPL30C60-H 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STGIPL30C60-H
상세설명  3-phase inverters for motor drives
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL30C60-H 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STGIPL30C60-H Datasheet HTML 7Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 8Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 9Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 10Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 11Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 12Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 13Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 14Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DocID024585 Rev 4
11/24
STGIPL30C60-H
Electrical characteristics
Table 11. OPAMP characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
V
io
Input offset voltage
V
ic
= 0 V, V
o
= 7.5 V
6
mV
I
io
Input offset current
V
ic
= 0 V, V
o
= 7.5 V
440
nA
I
ib
Input bias current
(1)
100
200
nA
V
icm
Input common mode voltage
range
0V
V
OL
Low level output voltage
R
L
= 10 k
Ω to V
CC
75
150
mV
V
OH
High level output voltage
R
L
= 10 k
Ω to GND
14
14.7
V
I
o
Output short circuit current
Source,
V
id
= +1; V
o
= 0 V
16
30
mA
Sink,
V
id
= -1; V
o
= V
CC
50
80
mA
SR
Slew rate
V
i
= 1
÷
4 V; C
L
= 100 pF;
unity gain
2.5
3.8
V/
μs
GBWP
Gain bandwidth product
V
o
= 7.5 V
8
12
MHz
A
vd
Large signal voltage gain
R
L
= 2 k
Ω
70
85
dB
SVR
Supply voltage rejection ratio
vs. V
CC
60
75
dB
CMRR
Common mode rejection ratio
55
70
dB
1.
The direction of input current is out of the IC.
Table 12. Sense comparator characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
ib(i)
Input bias current
V
CIN(i)
=1 V, i= U, V o W
-
3
μA
V
ol
Open-drain low-level output
voltage
I
od
= 3 mA
-
0.5
V
t
d_comp
Comparator delay
SD/OD pulled to 5 V through
100 k
Ω resistor
-
90
130
ns
SR
Slew rate
C
L
= 180 pF; R
pu
= 5 k
Ω
-60
V/μsec
t
sd
Shut down to high / low side
driver propagation delay
V
OUT = 0, Vboot = VCC
,
V
IN
= 0 to 3.3 V
50
125
200
ns
t
isd
Comparator triggering to high /
low side driver turn-off
propagation delay
Measured applying a voltage
step from 0 V to 3.3 V to pin
CIN
i
50
200
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com