전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGIPS35K60L1 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STGIPS35K60L1
상세설명  Short-circuit rugged IGBTs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS35K60L1 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STGIPS35K60L1 Datasheet HTML 5Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 6Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 7Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 8Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 9Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 10Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 11Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 12Page - STMicroelectronics STGIPS35K60L1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STGIPS35K60L1
Electrical characteristics
Doc ID 018864 Rev 3
9/21
3.1
Control part
Table 8.
Low voltage power supply (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC_hys
VCC UV hysteresis
1.2
1.5
1.8
V
VCC_thON
VCC UV turn ON threshold
11.5
12
12.5
V
VCC_thOFF VCC UV turn OFF threshold
10
10.5
11
V
Iqccu
Undervoltage quiescent
supply current
VCC = 10 V
SD/OD = 5 V; LIN = 5 V;
HIN = 0, CIN = 0
200
µA
Iqcc
Quiescent current
VCC = 15 V
SD/OD = 5 V; LIN = 5 V
HIN = 0, CIN = 0
1mA
Vref
Internal reference voltage
0.5
0.54
0.58
V
Table 9.
Bootstrapped voltage (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBS_hys
VBS UV hysteresis
1.2
1.5
1.8
V
VBS_thON
VBS UV turn ON threshold
10.6
11.5
12.4
V
VBS_thOFF
VBS UV turn OFF threshold
9.1
10
10.9
V
IQBSU
Undervoltage VBS quiescent
current
VBS < 9 V
SD/OD = 5 V; LIN and
HIN = 5 V; CIN = 0
70
110
µA
IQBS
VBS quiescent current
VBS = 15 V
SD/OD = 5 V; LIN and
HIN = 5 V; CIN = 0
150
210
µA
RDS(on)
Bootstrap driver on resistance
LVG ON
120
Ω
Table 10.
Logic inputs (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vil
Low logic level voltage
0.8
V
Vih
High logic level voltage
2.25
V
IHINh
HIN logic “1” input bias current
HIN = 15 V
110
175
260
µA
IHINl
HIN logic “0” input bias current
HIN = 0 V
1
µA
ILINl
LIN logic “1” input bias current
LIN = 0 V
3
6
20
µA
ILINh
LIN logic “0” input bias current
LIN = 15 V
1
µA
ISDh
SD logic “0” input bias current
SD = 15 V
10
40
100
µA
ISDl
SD logic “1” input bias current
SD = 0 V
1
µA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com