전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STIPN1M50-H 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STIPN1M50-H
상세설명  3-phase inverters for small power motor drives
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN1M50-H 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STIPN1M50-H Datasheet HTML 9Page - STMicroelectronics STIPN1M50-H Datasheet HTML 10Page - STMicroelectronics STIPN1M50-H Datasheet HTML 11Page - STMicroelectronics STIPN1M50-H Datasheet HTML 12Page - STMicroelectronics STIPN1M50-H Datasheet HTML 13Page - STMicroelectronics STIPN1M50-H Datasheet HTML 14Page - STMicroelectronics STIPN1M50-H Datasheet HTML 15Page - STMicroelectronics STIPN1M50-H Datasheet HTML 16Page - STMicroelectronics STIPN1M50-H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
STIPN1M50-H
Smart shutdown function
DocID030075 Rev 2
13/21
Figure 6: Smart shutdown timing waveforms
Please refer to Table 13: "Sense comparator characteristics (VCC = 15 V unless otherwise
specified)" for internal propagation delay time details.
SHUTDOW N CIRCUIT
An approximation of the disable time is given by:
H IN /LIN
H VG/LVG
open-drain gate
(internal)
com p V ref
C P+
PROTECTION
Fast shutdown :
the driver outputs are set to the SD state as soon as the com parator
triggers even if the SD signal hasn’t reached the lowest input threshold
disable tim e
SD /OD
SD/OD
V
SMART SD
LOGIC
C_SD
R_SD
RPD_SD
RON_OD
Vbias
GADG171120161315SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21