전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A6984TR 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 A6984TR
상세설명  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984TR 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button A6984TR Datasheet HTML 24Page - STMicroelectronics A6984TR Datasheet HTML 25Page - STMicroelectronics A6984TR Datasheet HTML 26Page - STMicroelectronics A6984TR Datasheet HTML 27Page - STMicroelectronics A6984TR Datasheet HTML 28Page - STMicroelectronics A6984TR Datasheet HTML 29Page - STMicroelectronics A6984TR Datasheet HTML 30Page - STMicroelectronics A6984TR Datasheet HTML 31Page - STMicroelectronics A6984TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Device description
A6984
28/47
DocID030396 Rev 1
4.5.1
Low noise mode (LNM)
Low noise mode implements a forced PWM operation over the different loading conditions.
The LNM features a constant switching frequency to minimize the noise in the final
application and a constant voltage ripple at fixed VIN. The regulator in steady loading
condition never skips pulses and it operates in continuous conduction mode (CCM) over the
different loading conditions.
Figure 19. Low noise mode operation
Typical applications for LNM operation are car audio and sensors.
4.5.2
Low consumption mode (LCM)
The low consumption mode maximizes the efficiency at the light load. As soon as the output
voltage drops, the regulator generates a pulse to have the FB back in regulation. In order to
minimize the current consumption in the LCM part of the internal circuitry is disabled in the
time between bursts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com