전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVLED001A 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 HVLED001A
상세설명  Offline controller for LED lighting with constant voltage primarysensing and high power factor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001A 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button HVLED001A Datasheet HTML 22Page - STMicroelectronics HVLED001A Datasheet HTML 23Page - STMicroelectronics HVLED001A Datasheet HTML 24Page - STMicroelectronics HVLED001A Datasheet HTML 25Page - STMicroelectronics HVLED001A Datasheet HTML 26Page - STMicroelectronics HVLED001A Datasheet HTML 27Page - STMicroelectronics HVLED001A Datasheet HTML 28Page - STMicroelectronics HVLED001A Datasheet HTML 29Page - STMicroelectronics HVLED001A Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Application information
HVLED001A
26/30
DocID029000 Rev 2
7.6
Disable and monitor feature
Several disabling means are available to externally disable the IC:
1.
Driving the CTRL pin low (CTRL_DIS): this occurrence immediately puts the device
in the low consumption mode; when the CTRL pin is left free, the internal biasing mean
pulls up the voltage above the threshold entering the soft-start procedure.
2.
Driving the CTRL pin high (AN_DIS): a CTRL voltage higher than the threshold for
a time longer than Tdis causes the device to enter the low consumption mode. The
ART timer performs an auto recover procedure after Trec.
Anytime the HVLED001A device enters low consumption an internal pull-down discharges
the soft-start capacitor and resets the soft-start time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30