전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

START499ETR 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 START499ETR
상세설명  NPN RF silicon transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499ETR 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button START499ETR Datasheet HTML 3Page - STMicroelectronics START499ETR Datasheet HTML 4Page - STMicroelectronics START499ETR Datasheet HTML 5Page - STMicroelectronics START499ETR Datasheet HTML 6Page - STMicroelectronics START499ETR Datasheet HTML 7Page - STMicroelectronics START499ETR Datasheet HTML 8Page - STMicroelectronics START499ETR Datasheet HTML 9Page - STMicroelectronics START499ETR Datasheet HTML 10Page - STMicroelectronics START499ETR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
START499ETR
Spice parameters
7/14
Symbol
Value
TF
3.4E-12
VTF
29.7
MJE
0.341
MJC
0.312
MJS
0.297
IKR
57.3E-3
XTB
-0.82
Table 7.
Transistor chip data (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14