전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGWA80H65DFB 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STGWA80H65DFB
상세설명  Tight parameter distribution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFB 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STGWA80H65DFB Datasheet HTML 9Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 10Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 11Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 12Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 13Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 14Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 15Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 16Page - STMicroelectronics STGWA80H65DFB Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package information
STGWA80H65DFB
14/17
DocID030057 Rev 1
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.1
TO-247 long leads package information
Figure 32: TO-247 long lead package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17