전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TNETV2665FIBZDUA6 데이터시트(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
부품명 TNETV2665FIBZDUA6
상세설명  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZDUA6 데이터시트(HTML) 16 Page - Texas Instruments

Back Button TNETV2665FIBZDUA6 Datasheet HTML 12Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 13Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 14Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 15Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 16Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 17Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 18Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 19Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
The L1P is divided into two regions—denoted as L1P Region 0 and L1P Region 1. This is the L1P
architecture on the C6424:
•
L1P Region 0: 0K-Byte Memory
•
L1P Region 1: 32K-Byte Memory
–
L1P Region 1 can be configured as mapped memory or cache and has a 0 wait state latency. This
region is shown as "L1P RAM/Cache" in Table 2-5, Memory Map Summary.
The C6424 does not support memory protection on L1P.
The L1D is divided into two regions—denoted as L1D Region 0 and L1D Region 1. This is the L1D
architecture on the C6424:
•
L1D Region 0: 48K-Byte Memory
–
This region is shown as "L1D RAM" in Table 2-5, Memory Map Summary.
•
L1D Region 1: 32K-Byte Memory
–
L1D Region 1 can be configured as mapped memory or cache. This region is shown as "L1D
RAM/Cache" in Table 2-5, Memory Map Summary.
The C6424 does not support memory protection on L1D.
L2 memory implements two separate memory ports. This is the L2 architecture on the C6424:
•
Port 0
–
This port is shown as "L2 RAM/Cache" in Table 2-5, Memory Map Summary.
–
Banking Scheme: 2 x 128-bit banks
–
Latency: 1 cycle (0 wait state)
•
Port 1
–
This port is shown as "Boot ROM" in Table 2-5, Memory Map Summary.
–
Banking Scheme: 1 x 256-bit bank
–
Latency: 1 cycle (0 wait state)
The C6424 does not support memory protection on L2.
For more detailed information about the C64x+ Cache Memory Architecture, see the TMS320C64x+ DSP
Cache User's Guide (literature number SPRU862) and the TMS320C64x+ DSP Megamodule Reference
Guide (literature number SPRU871).
2.2.2.1
L1P Configuration Register (L1PCFG) Description
The L1P Configuration Register (L1PCFG) controls/defines the size of the L1P cache. On the C6424, the
L1PCFG register is device-specific and varies from what is shown in the TMS320C64x+ DSP
Megamodule Reference Guide (literature number SPRU871). The format and bit field descriptions of the
L1PCFG register for the C6424 are shown in Figure 2-4 and Table 2-3, respectively.
16
Device Overview
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com