전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STL18N65M2 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STL18N65M2
상세설명  Zener-protected
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL18N65M2 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STL18N65M2 Datasheet HTML 6Page - STMicroelectronics STL18N65M2 Datasheet HTML 7Page - STMicroelectronics STL18N65M2 Datasheet HTML 8Page - STMicroelectronics STL18N65M2 Datasheet HTML 9Page - STMicroelectronics STL18N65M2 Datasheet HTML 10Page - STMicroelectronics STL18N65M2 Datasheet HTML 11Page - STMicroelectronics STL18N65M2 Datasheet HTML 12Page - STMicroelectronics STL18N65M2 Datasheet HTML 13Page - STMicroelectronics STL18N65M2 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID026078 Rev 3
11/14
STL18N65M2
Packaging mechanical data
14
5
Packaging mechanical data
Figure 10. PowerFLAT™ 5x6 tape(a)
Figure 11. PowerFLAT™ 5x6 package orientation in carrier tape
a.
All dimensions are in millimeters.
Measured from centerline of sprocket hole
to centerline of pocket.
Cumulative tolerance of 10 sprocket
holes is ± 0.20 .
Measured from centerline of sprocket
hole to centerline of pocket.
(I)
(II)
(III)
2
2.0±0.1 (I)
Ko (1.20±0.1)
±0.05)
Ø1.5 MIN.
Ø1.55±0.05
P
Ao(6.30±0.1)
1.75±0.1
4.0±0.1 (II)
P 0
Y
Y
SECTION Y-Y
C
L
P1(8.00±0.1)
Do
D1
E1
(0.30
T
REF
.R0.50
Base and bulk quantity 3000 pcs
8234350_Tape_rev_C
Pin 1
identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14